PART |
Description |
Maker |
MAX5109 |
Nonvolatile, Dual, 8-Bit DACs with 2-Wire Serial Interface
|
Maxim
|
MAX5115 MAX5116 |
Nonvolatile - Quad 8-Bit DACs with 2-Wire Serial Interface
|
Maxim
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50-R |
8-Bit Dual Nonvolatile Memory Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO16 8-Bit Dual Nonvolatile Memory Digital Potentiometer DUAL 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO16 8-Bit Dual Nonvolatile Memory Digital Potentiometer
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX552 MAX551ACUB MAX551BEUB MAX551 MAX551ACPA MAX |
3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin レMAX Package SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDIP8 3V/ 5V / 12-Bit / Serial / Multiplying DACs in 10-Pin MAX Package 3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin μMAX Package 3V/ 5V 12-Bit Serial Multiplying DACs in 10-Pin MAX Package 3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin MAX Package
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
LTC2612CMS8TRPBF LTC2612CMS8PBF LTC2602IMS8PBF LTC |
Dual 14-Bit Rail-to-Rail DACs in 8-Lead MSOP; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO8 Dual 16-Bit Rail-to-Rail DACs in 8-Lead MSOP; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO8 Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
|
Linear Technology, Corp.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
LTC1454L LTC1454 LTC1454CS LTC1454IS LTC1454LCS 14 |
Dual 12-Bit Rail-to-Rail Micropower DACs DUAL, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO16 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 20-LCCC -55 to 125 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AD5232BRU10-REEL |
0.3-7V; 8-bit dual nonvolatile memory digital potentiometer
|
Analog Devices
|
|